データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XRT83SL34 データシート(PDF) 5 Page - Exar Corporation

部品番号 XRT83SL34
部品情報  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34 データシート(HTML) 5 Page - Exar Corporation

  XRT83SL34 Datasheet HTML 1Page - Exar Corporation XRT83SL34 Datasheet HTML 2Page - Exar Corporation XRT83SL34 Datasheet HTML 3Page - Exar Corporation XRT83SL34 Datasheet HTML 4Page - Exar Corporation XRT83SL34 Datasheet HTML 5Page - Exar Corporation XRT83SL34 Datasheet HTML 6Page - Exar Corporation XRT83SL34 Datasheet HTML 7Page - Exar Corporation XRT83SL34 Datasheet HTML 8Page - Exar Corporation XRT83SL34 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.0.8
II
Figure 12. Simplified Diagram for T1 in the External Termination Mode (RXTSEL= 0) ............. 28
TRANSMITTER (CHANNELS 0 - 3) ............................................................................................................ 29
Transmit Termination Mode ...................................................................................................................... 29
External Transmit Termination Mode ........................................................................................................ 29
Figure 13. Simplified Diagram for E1 in External Termination Mode (RXTSEL= 0) ................... 29
TABLE 8: TRANSMIT TERMINATION CONTROL ....................................................................................... 29
TABLE 9: TERMINATION SELECT CONTROL .......................................................................................... 29
REDUNDANCY APPLICATIONS ............................................................................................................. 30
TABLE 10: TRANSMIT TERMINATION CONTROL ..................................................................................... 30
TABLE 11: TRANSMIT TERMINATIONS ................................................................................................... 30
TYPICAL REDUNDANCY SCHEMES ..................................................................................................... 31
Figure 14. Simplified Block Diagram of the Transmit Section for 1:1 & 1+1 Redundancy ....... 32
Figure 15. Simplified Block Diagram - Receive Section for 1:1 and 1+1 Redundancy ............. 32
Figure 16. Simplified Block Diagram - Transmit Section for N+1 Redundancy ......................... 33
Figure 17. Simplified Block Diagram - Receive Section for N+1 Redundancy .......................... 34
PATTERN TRANSMIT AND DETECT FUNCTION ............................................................................................... 35
TRANSMIT ALL ONES (TAOS) .................................................................................................................... 35
NETWORK LOOP CODE DETECTION AND TRANSMISSION .............................................................................. 35
TABLE 12: PATTERN TRANSMISSION CONTROL ..................................................................................... 35
TABLE 13: LOOP-CODE DETECTION CONTROL ..................................................................................... 35
TRANSMIT AND DETECT QUASI-RANDOM SIGNAL SOURCE (TDQRSS) ......................................................... 36
LOOP-BACK MODES ................................................................................................................................... 37
TABLE 14: LOOP-BACK CONTROL IN HARDWARE MODE ........................................................................ 37
TABLE 15: LOOP-BACK CONTROL IN HOST MODE ................................................................................. 37
LOCAL ANALOG LOOP-BACK (ALOOP) ....................................................................................................... 38
REMOTE LOOP-BACK (RLOOP) ................................................................................................................. 38
Figure 18. Local Analog Loop-back signal flow ........................................................................... 38
Figure 19. Remote Loop-back mode with jitter attenuator selected in receive path ................. 38
DIGITAL LOOP-BACK (DLOOP) .................................................................................................................. 39
Figure 20. Remote Loop-back mode with jitter attenuator selected in Transmit path .............. 39
Figure 21. Digital Loop-back mode with jitter attenuator selected in Transmit path ................ 39
DUAL LOOP-BACK ...................................................................................................................................... 40
Figure 22. Signal flow in Dual loop-back mode ............................................................................ 40
MICROPROCESSOR PARALLEL INTERFACE .............................................................. 41
TABLE 16: MICROPROCESSOR INTERFACE SIGNAL DESCRIPTION ........................................................... 41
MICROPROCESSOR REGISTER TABLES ........................................................................................................ 42
TABLE 17: MICROPROCESSOR REGISTER ADDRESS ............................................................................. 42
TABLE 18: MICROPROCESSOR REGISTER BIT DESCRIPTION ................................................................. 42
MICROPROCESSOR REGISTER DESCRIPTIONS ............................................................................................. 45
TABLE 19: MICROPROCESSOR REGISTER #0, BIT DESCRIPTION ........................................................... 45
TABLE 20: MICROPROCESSOR REGISTER #1, BIT DESCRIPTION ........................................................... 46
TABLE 21: MICROPROCESSOR REGISTER #2, BIT DESCRIPTION ........................................................... 48
TABLE 22: MICROPROCESSOR REGISTER #3, BIT DESCRIPTION ........................................................... 50
TABLE 23: MICROPROCESSOR REGISTER #4, BIT DESCRIPTION ........................................................... 52
TABLE 24: MICROPROCESSOR REGISTER #5, BIT DESCRIPTION ........................................................... 53
TABLE 25: MICROPROCESSOR REGISTER #6, BIT DESCRIPTION ........................................................... 55
TABLE 26: MICROPROCESSOR REGISTER #7, BIT DESCRIPTION ........................................................... 56
TABLE 27: MICROPROCESSOR REGISTER #8, BIT DESCRIPTION ........................................................... 57
TABLE 28: MICROPROCESSOR REGISTER #9, BIT DESCRIPTION ........................................................... 57
TABLE 29: MICROPROCESSOR REGISTER #10, BIT DESCRIPTION ......................................................... 58
TABLE 30: MICROPROCESSOR REGISTER #11, BIT DESCRIPTION ......................................................... 58
TABLE 31: MICROPROCESSOR REGISTER #12, BIT DESCRIPTION ......................................................... 59
TABLE 32: MICROPROCESSOR REGISTER #13, BIT DESCRIPTION ......................................................... 59
TABLE 33: MICROPROCESSOR REGISTER #14, BIT DESCRIPTION ......................................................... 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80