| データシートサーチシステム |
|
XRT83SL34 データシート(PDF) 77 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83SL34 データシート(HTML) 77 Page - Exar Corporation |
|
77 / 80 page ![]() XRT83SL34 QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR PRELIMINARY REV. P1.0.8 74 TABLE 49: ASYNCHRONOUS MODE 1 - INTEL 8051 AND 80188 INTERFACE TIMING SYMBOL PARAMETER MIN MAX UNITS t0 Valid Address to CS Falling Edge 0 - ns t1 CS Falling Edge to RD Assert 65 - ns t2 RD Assert to RDY Assert - 50 ns NA RD Pulse Width (t2) 50 - ns t3 CS Falling Edge to WR Assert 65 - ns t4 WR Assert to RDY Assert - 50 ns NA WR Pulse Width (t2) 50 - ns t5 CS Falling Edge to AS Falling Edge 0 - ns Reset pulse width - both Motorola and Intel Operations (see Figure 30) t9 Reset pulse width 30 |