データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SH79F166AP044PR データシート(PDF) 48 Page - List of Unclassifed Manufacturers

部品番号 SH79F166AP044PR
部品情報  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR データシート(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 44Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 45Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 46Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 47Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 48Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 49Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 50Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 51Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 113 page
background image
SH79F166A
48
7.8.4 定时器4
定时器4是16位自动重载定时器。通过两个数据寄存器TH4和TL4访问,由T4CON寄存器控制。IEN1寄存器的ET4位置1允
许定时器4中断(详见中断章节)。
当TH4和TL4被写时,用作定时器重载寄存器,当被读时,被用做计数寄存器。TR4位置1使定时器4开始递增计数。定时器
在0xFFFF到0x0000溢出并置TF4位为1。溢出同时,定时器重载寄存器的16位数据重新载入计数寄存器中,对TH4的写操作也
导致重载寄存器的数据重新载入计数寄存器。
TH4和TL4读写操作遵循以下顺序:
写操作:先低位后高位
读操作:先高位后低位
定时器4方式
定时器4有三种工作方式:16位自动重载定时器,串口波特率发生器和有T4边沿触发的16位自动重载定时器。这些方式通
过T4CON寄存器的T4M[1:0]设置。
方式0:16位自动重载定时器
定时器4在方式0为16位自动重载定时器。TH4寄存器存放16位计数器/定时器高8位,TL4存放低8位。当16位定时寄存器从
0xFFFF到0x0000递增,并溢出时,系统置定时器溢出标志TF4(T4CON.7)为1,16位寄存器的值被重新载入计数器,如果允
许定时器4中断则产生中断。
T4CON.0寄存器的T4CLKS位选择时钟源。当T4CLKS = 1时,定时器4的时钟源为外部时钟,预分频后,计数器数据寄存
器增加。当T4CLKS = 0,定时器4的时钟源为系统时钟。
T4CON.1寄存器的TR4位置1允许定时器4,且不清定时器4的计数器。在允许定时器4之前,将希望的初始值写入定时器重
载寄存器中。
在比较方式中,T4端口自动被硬件设为输出。定时器4从TH4和TL4预设值开始向0xFFFF计数,当计数器溢出时,T4端口
输出反转,同时定时器4中断标志位被置起。在比较方式中,定时器4必须工作在定时方式(T4CLKS = 0)。
TF4
T4CLKS
=0
=1
The Block Diagram of Mode 0 of Timer 4
TL4
TH4
Increment Mode
0:Switch Off
1:Switch On
16 bit Counter
T4
Interrupt
Request
Overflow
Flag
TR4
System Clock
Prescaler
1,8,64,256
T4PS[1:0]
T4
T4CLKS=0
TC4=1
方式1:波特率发生器
通过设置T4CON寄存器中的T4M[1:0]为01选择定时器4作为波特率发生器。如果将定时器2作为串口的接收或发送的波特
率,而定时器4作为另一波特率时,发送和接收的波特率可以是不同的。
该方式与自动重载方式相似。定时器4的溢出会引起软件将定时器4重载寄存器中的16位值载入定时器4的计数器中,但不会
产生中断。
EUART方式1和3的波特率由下列公式计算:
4]
TL
4,
[TH
65536
/PRESCALER
f
16
2
1
BaudRate
4
T
−
×
×
=
,用定时器4作为波特率发生器,定时器4时钟源为系统时钟
4]
TL
4,
[TH
65536
/PRESCALER
f
16
1
BaudRate
4
T
−
×
=
,用定时器4作为波特率发生器,定时器4时钟源为时钟源为T4引脚输入时钟
上式中,TH4和TL4为定时器4重载寄存器。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More