| データシートサーチシステム |
|
SH79F166AP044PR データシート(PDF) 79 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SH79F166AP044PR データシート(HTML) 79 Page - List of Unclassifed Manufacturers |
|
79 / 113 page ![]() SH79F166A 79 方式2:9位EUART,固定波特率,异步全双工 这个方式使用异步全双工通信中的11位。一帧由一个起始位(逻辑0),8个数据位(低位为第一位),一个可编程的第9 数据位和一个停止位(逻辑1)组成。方式2支持多机通信和硬件地址识别(详见多机通讯章节)。在数据传送时,第9数据位(SCON 中的TB8)可以写0或1,例如,可写入PSW中的奇偶位P,或用作多机通信中的数据/地址标志位。当接收到数据时,第9数据位 进入RB8而停止位不保存。PCON中的SMOD位选择波特率为系统工作频率的1/32或1/64。功能块框图如下所示。 SERIAL CONTROLLER TX CLOCK TX START TX SHIFT TI RI RX CLOCK LOAD SBUF RX START RX SHIFT TXD Serial Port Interrupt PARIN LOAD CLOCK SOUT CLOCK SIN PAROUT RXD Read SBUF Internal Data Bus Receive Shift Register Internal Data Bus 32 ÷ 32 ÷ 1-TO-0 DETECTOR Write to SBUF BIT DETECTOR D8 SBUF RB8 Transmit Shift Register STOP START SAMPLE 1 0 2 ÷ D8 TB8 SMOD System Clock 任何将SBUF作为目标寄存器的写操作都会启动发送,同时也将TB8载入到发送移位寄存器的第9位中。实际上发送是从16 分频计数器中的下一次跳变之后的系统时钟开始的,因此位时间与16分频计数器是同步的,与对SBUF的写操作不同步。起始位 首先在TxD引脚上移出,然后是第9位数据。在发送转换寄存器中的所有9位数据都发送完后,停止位在TxD引脚上移出,在停止 位开始发送时Tl标志置1。 Write to SBUF Shift CLK TI Send Timing of Mode 2 TxD D8 D0 D1 D2 D3 D4 D5 D6 D7 Start Stop |