| データシートサーチシステム |
|
VS6624P0LP データシート(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP データシート(HTML) 52 Page - STMicroelectronics |
|
52 / 100 page ![]() Register map VS6624 52/100 Rev 1 0x039c bPanControl0 Default value <0> Pan_Disable Purpose control pandisable, pan right, pan left, pan up, pan down Type C Possible values <0> Pan_Disable <1> Pan_Right <2> Pan_Left <3> Pan_Down <4> Pan_Up 0x039e bCropControl0 Default value <1> Crop_auto Purpose Select cropping manual or auto Type C Possible values <0> Crop_manual <1> Crop_auto 0x03a1(MSB) 0x03a2(LSB) uwManualCropHorizontalStart0 Default value 0x00 Purpose Set the cropping H start address Type UINT16 0x03a5(MSB) 0x03a6(LSB) uwManualCropHorizontalSize0 Default value 0x00 Purpose Set the cropping H size Type UINT16 0x03a9(MSB) 0x03aa(LSB) uwManualCropVerticalStart0 Default value 0x00 Purpose Set the cropping Vstart address Type UINT16 0x03ad(MSB) 0x03ae(LSB) uwManualCropVerticalSize0 Default value 0x00 Purpose Set the cropping Vsize Type UINT16 Table 13. Pipe setup bank0 Index PipeSetupBank0(1) |