データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VS6624P0LP データシート(PDF) 16 Page - STMicroelectronics

部品番号 VS6624P0LP
部品情報  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP データシート(HTML) 16 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 12Page - STMicroelectronics VS6624P0LP Datasheet HTML 13Page - STMicroelectronics VS6624P0LP Datasheet HTML 14Page - STMicroelectronics VS6624P0LP Datasheet HTML 15Page - STMicroelectronics VS6624P0LP Datasheet HTML 16Page - STMicroelectronics VS6624P0LP Datasheet HTML 17Page - STMicroelectronics VS6624P0LP Datasheet HTML 18Page - STMicroelectronics VS6624P0LP Datasheet HTML 19Page - STMicroelectronics VS6624P0LP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
Operational modes
VS6624
16/100
Rev 1
4.2
Mode transitions
Transitions between operating modes are normally controlled by the host by writing to the
Host interface manager control register. Some transitions can occur automatically after a
time out. If there is no activity in the Pause state then an automatic transition to the Stop
state occurs. This functionality is controlled by the Power management register, writing 0xFF
disables the automatic transition to Stop.
The users control allows a transition between Stop and Run, at the state level the system
will transition through a Pause state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100