データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VS6624P0LP データシート(PDF) 59 Page - STMicroelectronics

部品番号 VS6624P0LP
部品情報  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP データシート(HTML) 59 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 55Page - STMicroelectronics VS6624P0LP Datasheet HTML 56Page - STMicroelectronics VS6624P0LP Datasheet HTML 57Page - STMicroelectronics VS6624P0LP Datasheet HTML 58Page - STMicroelectronics VS6624P0LP Datasheet HTML 59Page - STMicroelectronics VS6624P0LP Datasheet HTML 60Page - STMicroelectronics VS6624P0LP Datasheet HTML 61Page - STMicroelectronics VS6624P0LP Datasheet HTML 62Page - STMicroelectronics VS6624P0LP Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
VS6624
Register map
Rev 1
59/100
Viewlive control
Viewlive status [read only]
Table 15.
ViewLive control
Index
ViewLiveControl
0x0480
fEnable (Can be controlled in all stable states)
Default value
<0> FALSE
Purpose
set to enable the View Live mode.
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
0x0482
bInitialPipeSetupBank (must be setup in PAUSE or STOP mode)
Default value
<0> PipeSetupBank_0
Purpose
First frame output will be from PipeSetupBank selected by
'bInitialPipeSetupBank'. if ViewLive is enabled the next frame will be
from the other PipeSetupBank, otherwise only one PipeSetupBank will
be used.
Type
CODED
Possible values
<0> PipeSetupBank_0
<1> PipeSetupBank_1
Table 16.
Viewlive status
Index
ViewLiveStatus [read only]
0x0500
CurrentPipeSetupBank
Default value
<0> PipeSetupBank_0
Purpose
indicates the PipeSetupBank which has most recently been applied to
the pixel pipe hardware.
Type
CODED
Possible values
<0> PipeSetupBank_0
<1> PipeSetupBank_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100