| データシートサーチシステム |
|
VS6624P0LP データシート(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP データシート(HTML) 68 Page - STMicroelectronics |
|
68 / 100 page ![]() Register map VS6624 68/100 Rev 1 Flash control 0x1906 fStable Default value 0x00 Purpose Consolidated flag to indicate whether the system is stable/unstable Type CODED Possible values <0> Unstable <1>Stable Table 26. Image stability [read only] Index Image stability [read only] Table 27. Flash control Index FlashControl(1) 0x1a80 bFlashMode Default value <0> FLASH_OFF Purpose Select the flash type and on/off Type CODED Possible values <0> FLASH_OFF <1>FLASH_TORCH <2>FLASH_PULSE 0x1a83(MSB) 0x1a84(LSB) uwFlashOffLine Default value 0x021c (540) Purpose At flash_pulse mode, used to control off line Type UINT16 1. Can be controlled in all stable states |