| データシートサーチシステム |
|
VS6624P0LP データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 100 page ![]() VS6624 Data synchronization methods Rev 1 33/100 Master / Slave operation of PLCK In normal operation VS6624 acts as a master. PCLK is independent of the input clock frequency and does not have a determined phase relation to the input clock. In SLAVE operation the input clock frequency is the same as the output clock frequency and the output data is guaranteed with a certain phase relationship to the input clock. Internally, the VS6624 uses clocks generated from the internal PLL, but a retiming stage is used to re- sync the output to the input clock. In this output mode, derating is not possible. |