| データシートサーチシステム |
|
SH7041A データシート(PDF) 155 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 155 Page - Renesas Technology Corp |
|
155 / 923 page ![]() 117 Interrupt source Interrupt source flag clear (by DMAC) Interrupt source (those not designated as DMAC activating sources) CPU interrupt request DTC activation request DTECLR Transfer end DTE clear Interrupt source flag clear (by DTC) DTER DMAC Figure 6.6 Interrupt Control Block Diagram 6.6.1 Handling DTC Activating and CPU Interrupt Sources, but Not DMAC Activating Sources 1. Either do not select the DMAC as a source, or clear the DME bit to 0. 2. For DTC, set the corresponding DTE bits and DISEL bits to 1. 3. Activating sources are applied to the DTC when interrupts occur. 4. When the DTC performs a data transfer, it clears the DTE bit to 0 and sends an interrupt request to the CPU. The activating source does not clear. 5. The CPU clears interrupt sources with its interrupt processing routine. It then confirms the transfer counter value. When the transfer counter value ≠ 0, it sets the DTE bit to 1 and allows the next data transfer. If the transfer counter value = 0, it performs the necessary end processing in the interrupt processing routine. |