| データシートサーチシステム |
|
HC05RC16GRS/D データシート(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D データシート(HTML) 18 Page - NXP Semiconductors |
|
18 / 122 page ![]() General Description General Release Specification MC68HC05RC16 — Rev. 3.0 General Description Figure 1-1. MC68HC05RC16 Block Diagram ÷ 2 ACCUMULATOR INDEX REGISTER STACK POINTER PROGRAM COUNTER CONDITION CODE REGISTER OSCILLATOR INTERNAL RESET COP CPU M68HC05 CPU ALU CPU REGISTERS CONTROL PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PROCESSOR CLOCK CORE TIMER SRAM — 352 BYTES ROM — 15,936 BYTES SYSTEM SYSTEM RTI SYSTEM IRQ 0 0 0 0 0 0 0 1 1 1 1 1 C Z N I H BURN-IN ROM — 64 BYTES LPRST IRO PC0 PC1 PC2 PC3 PC4* PC5* PC6* PC7* * Marked pins are available only 44-lead PLCC package. IRQEN IRQEN OSC2 V DD V SS OSC1 CARRIER MODULATOR TRANSMITTER Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |