| データシートサーチシステム |
|
HC05RC16GRS/D データシート(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D データシート(HTML) 30 Page - NXP Semiconductors |
|
30 / 122 page ![]() Memory General Release Specification MC68HC05RC16 — Rev. 3.0 Memory 2.3.1 ROM The user ROM consists of 15,920 bytes of ROM located from $0180 to $3FAF and 16 bytes of user vectors located from $3FF0 to $3FFF. The burn-in ROM is located from $3FB0 to $3FEF. Ten of the user vectors, $3FF6–$3FFF, are dedicated to reset and interrupt vectors. The six remaining locations — $3FF0, $3FF1, $3FF2, $3FF3, $3FF4, and $3FF5 — are general-purpose user ROM locations. 2.3.2 ROM Security Security has been incorporated into the MC68HC05RC16 to prevent external viewing of the ROM contents. This feature ensures that customer-developed software remains proprietary.1 1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or copying the ROM difficult for unauthorized users. $001A Reserved R RRRRRRR $001B Reserved R RRRRRRR $001C Reserved R RRRRRRR $001D Reserved R RRRRRRR $001E Reserved R RRRRRRR $001F Reserved R RRRRRRR R = Reserved Addr. Register Bit 7 6 5 4 3 2 1 Bit 0 Figure 2-2. I/O Registers (Continued) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |