| データシートサーチシステム |
|
HC05RC16GRS/D データシート(PDF) 96 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D データシート(HTML) 96 Page - NXP Semiconductors |
|
96 / 122 page ![]() Instruction Set General Release Specification MC68HC05RC16 — Rev. 3.0 Instruction Set 10.5 Instruction Set Summary Table 10-6. Instruction Set Summary Source Form Operation Description Effect on CCR HIN Z C ADC # opr ADC opr ADC opr ADC opr,X ADC opr,X ADC ,X Add with Carry A ← (A) + (M) + (C) ¤ — ¤ ¤ ¤ IMM DIR EXT IX2 IX1 IX A9 B9 C9 D9 E9 F9 ii dd hh ll ee ff ff 2 3 4 5 4 3 ADD # opr ADD opr ADD opr ADD opr,X ADD opr,X ADD ,X Add without Carry A ← (A) + (M) ¤ — ¤ ¤¤ IMM DIR EXT IX2 IX1 IX AB BB CB DB EB FB ii dd hh ll ee ff ff 2 3 4 5 4 3 AND # opr AND opr AN D opr AND opr,X AND opr,X AND ,X Logical AND A ← (A) ∧ (M) — — ¤ ¤ — IMM DIR EXT IX2 IX1 IX A4 B4 C4 D4 E4 F4 ii dd hh ll ee ff ff 2 3 4 5 4 3 ASL opr ASLA ASLX ASL opr,X ASL ,X Arithmetic Shift Left (Same as LSL) — — ¤ ¤¤ DIR INH INH IX1 IX 38 48 58 68 78 dd ff 5 3 3 6 5 ASR opr ASRA ASRX ASR opr,X ASR ,X Arithmetic Shift Right — — ¤ ¤¤ DIR INH INH IX1 IX 37 47 57 67 77 dd ff 5 3 3 6 5 BCC rel Branch if Carry Bit Clear PC ← (PC) + 2 + rel ? C = 0 ————— REL 24 rr 3 BCLR n opr Clear Bit n Mn ← 0 ————— DIR (b0) DIR (b1) DIR (b2) DIR (b3) DIR (b4) DIR (b5) DIR (b6) DIR (b7) 11 13 15 17 19 1B 1D 1F dd dd dd dd dd dd dd dd 5 5 5 5 5 5 5 5 BCS rel Branch if Carry Bit Set (Same as BLO) PC ← (PC) + 2 + rel ? C = 1 ————— REL 25 rr 3 BEQ rel Branch if Equal PC ← (PC) + 2 + rel ? Z = 1 ————— REL 27 rr 3 BHCC rel Branch if Half-Carry Bit Clear PC ← (PC) + 2 + rel ? H = 0 ————— REL 28 rr 3 BHCS rel Branch if Half-Carry Bit Set PC ← (PC) + 2 + rel ? H = 1 ————— REL 29 rr 3 BHI rel Branch if Higher PC ← (PC) + 2 + rel ? C ∨ Z = 0 ————— REL 22 rr 3 BHS rel Branch if Higher or Same PC ← (PC) + 2 + rel ? C = 0 ————— REL 24 rr 3 C b0 b7 0 b0 b7 C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |