| データシートサーチシステム |
|
HC05RC16GRS/D データシート(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D データシート(HTML) 47 Page - NXP Semiconductors |
|
47 / 122 page ![]() Figure 5-2. Reset and POR Timing Diagram PCH PCL OSC12 RESET5 INTERNAL PROCESSOR INTERNAL ADDRESS BUS1 3FFE 3FFF V DD 4064 t CYC t CYC t RL INTERNAL DATA BUS1 3FFE 3FFE 3FFE 3FFE NEW PC 3FFF NOTES: 1. Internal timing signal and bus information are not available externally. 2. OSC1 line is not meant to represent frequency. It is only used to represent time. 3. The next rising edge of the internal processor clock following the rising edge of RESET initiates the reset sequence. 4. VDD must fall to a level lower than VPOR to be recognized as a power-on reset. 5. The LPRST pin resets the CPU like RESET. However, 4064 POR cycles are executed first, before the reset vector address appears on the internal address bus. (See 5.4 Low-Power External Reset (LPRST).) 3 NEW NEW OP CODE PCL PCH NEW PC NEW PC OP CODE NEW PC CLOCK1 0 V > VPOR 4 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |