| データシートサーチシステム |
|
HC05RC16GRS/D データシート(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D データシート(HTML) 20 Page - NXP Semiconductors |
|
20 / 122 page ![]() General Description General Release Specification MC68HC05RC16 — Rev. 3.0 General Description PB2PU — Port B2 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 2. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt PB1PU — Port B1 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 1. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt PB0PU — Port B0 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 0. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt COPEN — COP Enable When the COP option is selected (COPEN = 1), the COP watchdog timer is enabled. When the COP option is deselected (COPEN = 0), the COP watchdog timer is disabled. STOPEN — STOP Instruction Enable When the STOP option is selected (STOPEN = 1), the STOP instruction is enabled. When the STOP option is deselected (STOPEN = 0), the STOP instruction is equivalent to a WAIT instruction. IRQ — IRQ sensitivity When the IRQ option is selected (IRQ = 1), edge- and level-sensitive IRQ is enabled. When the IRQ option is deselected (IRQ = 0), edge-only sensitive IRQ is enabled. NOTE: The port B keyscan interrupt sensitivity will match that of the IRQ sensitivity. (See 4.7 External Interrupt (IRQ/Port B Keyscan) for more information.) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |