データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HC05RC16GRS/D データシート(PDF) 78 Page - NXP Semiconductors

部品番号 HC05RC16GRS/D
部品情報  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D データシート(HTML) 78 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 74Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 75Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 76Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 77Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 78Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 79Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 80Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 81Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 122 page
background image
Carrier Modulator Transmitter (CMT)
General Release Specification
MC68HC05RC16 — Rev. 3.0
Carrier Modulator Transmitter (CMT)
The mark and space time equations for FSK mode are:
Where fcg is the frequency output from the carrier generator, setting the
DIV2 bit in the MCSR will double mark and space times.
9.5.3 Extended Space Operation
In either time or FSK mode, the space period can be made longer than
the maximum possible value of SBUFF. Setting the EXSPC bit in the
MCSR will force the modulator to treat the next modulation period
(beginning with the next load of MBUFF/SBUFF) as a space period
equal in length to the mark and space counts combined. Subsequent
modulation periods will consist entirely of these extended space periods
with no mark periods. Clearing EXSPC will return the modulator to
standard operation at the beginning of the next modulation period. To
calculate the length of an extended space in time mode, use the
equation:
Where:
the subscripts 1, 2, ... n refer to the modulation periods that elapsed
while the EXSPC bit was set.
Similarly, to calculate the length of an extended space in FSK mode, use
the equation:
tmark
MBUFF
1
+
fcg
-------------------------------
s
sec
=
tspace
SBUFF
fcg
---------------------s
sec
=
((SBUFF1)+(MBUFF2+1+SBUFF2) +... (MBUFFn+1+SBUFFn)) x 8
fosc
texspace =
secs
((SBUFF1)+(MBUFF2+1+SBUFF2)+... (MBUFFn+1+SBUFFn))
fcg
texspace =
secs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More