| データシートサーチシステム |
|
HC05RC16GRS/D データシート(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D データシート(HTML) 53 Page - NXP Semiconductors |
|
53 / 122 page ![]() MC68HC05RC16 — Rev. 3.0 General Release Specification Low-Power Modes General Release Specification — MC68HC05RC16 Section 6. Low-Power Modes 6.1 Contents 6.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53 6.3 Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53 6.4 Stop Recovery . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54 6.5 Wait Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54 6.6 Low-Power Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55 6.2 Introduction This section describes the low-power modes. 6.3 Stop Mode The STOP instruction places the MCU in its lowest power-consumption mode. In stop mode, the internal oscillator is turned off, halting all internal processing, including timer operation. During stop mode, the CTCSR ($08) bits are altered to remove any pending timer interrupt request and to disable any further timer interrupts. The timer prescaler is cleared. The I bit in the CCR is cleared to enable external interrupts. All other registers and memory remain unaltered. All input/output lines remain unchanged. NOTE: The EIMSK bit is not cleared automatically by the execution of a STOP instruction. Care should be taken to clear this bit before entering stop mode. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |