| データシートサーチシステム |
|
HC05RC16GRS/D データシート(PDF) 50 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D データシート(HTML) 50 Page - NXP Semiconductors |
|
50 / 122 page ![]() Resets General Release Specification MC68HC05RC16 — Rev. 3.0 Resets 5.5.2.4 COP Watchdog Timer Considerations The COP watchdog timer is active in all modes of operation if enabled by a mask option. If the COP watchdog timer is selected by a mask option, any execution of the STOP instruction (either intentionally or inadvertently due to the CPU being disturbed) causes the oscillator to halt and prevents the COP watchdog timer from timing out. If the COP watchdog timer is selected by a mask option, the COP resets the MCU when it times out. Therefore, it is recommended that the COP watchdog be disabled for a system that must have intentional uses of the wait mode for periods longer than the COP time out period. The recommended interactions and considerations for the COP watchdog timer, STOP instruction, and WAIT instruction are summarized in Table 5-1. Table 5-1. COP Watchdog Timer Recommendations IF the Following Conditions Exist: THEN the COP Watchdog Timer Should Be as Follows: Wait Time Wait Time Less than COP Time-Out Enable or Disable COP by Mask Option Wait Time More than COP Time-Out Disable COP by Mask Option Any Length Wait Time Disable COP by Mask Option Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |