| データシートサーチシステム |
|
HC05RC16GRS/D データシート(PDF) 105 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D データシート(HTML) 105 Page - NXP Semiconductors |
|
105 / 122 page ![]() Electrical Specifications Operating Range MC68HC05RC16 — Rev. 3.0 General Release Specification Electrical Specifications 11.4 Operating Range 11.5 Thermal Characteristics Characteristic Symbol Value Unit Operating Temperature Range MC68HC05RC16 (Standard) TA TL to TH 0 to +70 °C Characteristic Symbol Value Unit Thermal Resistance Plastic Dual In-Line Package Small Outline Intergrated Circuit Package Plastic Leaded Chip Carrier Package θ JA 60 60 60 °C/W Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |