| データシートサーチシステム |
|
HC05RC16GRS/D データシート(PDF) 111 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D データシート(HTML) 111 Page - NXP Semiconductors |
|
111 / 122 page ![]() MC68HC05RC16 — Rev. 3.0 General Release Specification Mechanical Specifications General Release Specification — MC68HC05RC16 Section 12. Mechanical Specifications 12.1 Contents 12.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .111 12.3 28-Pin Plastic Dual-In-Line Package (Case 710-02) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .112 12.4 28-Pin Small Outline Integrated Circuit Package (Case 751F-04) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .112 12.5 44-Pin Plastic Leaded Chip Carrier Package (Case 777-02) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .113 12.2 Introduction This section describes the dimensions of the dual-in-line package (DIP), small outline integrated circuit (SOIC), and plastic leaded chip carrier (PLCC) MCU packages. The following figures show the latest packages at the time of this publication. To make sure that you have the latest package specifications, contact one of the following: • Local Motorola Sales Office • Motorola Mfax – Phone 602-244-6609 – EMAIL rmfax0@email.sps.mot.com • Worldwide Web (wwweb) at http://design-net.com Follow Mfax or wwweb on-line instructions to retrieve the current mechanical specifications. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |