| データシートサーチシステム |
|
MCP8021 データシート(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP8021 データシート(HTML) 49 Page - Microchip Technology |
|
49 / 66 page ![]() 2020-2024 Microchip Technology Inc. and its subsidiaries DS20006265D-page 49 MCP8021/2 B A 0.05 C 0.05 C 0.07 C A B 0.04 C (DATUM B) (DATUM A) C SEATING PLANE 1 2 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 1 1 2 N 0.10 C A B 0.10 C A B 0.10 C 0.08 C Microchip Technology Drawing C04-426 Rev D Sheet 1 of 2 2X 28X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 28-Lead Very Thin Plastic Quad Flat, No Lead Package (9PX) - 5x5 mm Body [VQFN] With Stepped Wettable Flanks, 3.25x3.25mm Exposed Pad D E D2 E2 K (CH) L e 28X b NOTE 1 A A (A3) A A1 © 2023 Microchip Technology Inc. |