データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ81EP データシート(PDF) 7 Page - STMicroelectronics

部品番号 L99DZ81EP
部品情報  Door actuator driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ81EP データシート(HTML) 7 Page - STMicroelectronics

Back Button L99DZ81EP_V01 Datasheet HTML 3Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 4Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 5Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 6Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 7Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 8Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 9Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 10Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
DocID023145 Rev 2
7/62
L99DZ81EP
Block diagram and pin description
61
1
Block diagram and pin description
Figure 1. Block diagram
Charge
Pump
CM
CSN
CLK
DO
DI
VCC
VBAT
SPC560D
GND
1k
CM
MUX
1k
1k
1k
1k
CP
M
M
OUT4
OUT5
OUT6
OUT9
OUT7
OUT8
Ω
m
150
Ω
m
150
Ω
m
300
Ω
m
1600
Ω
m
1600
OUT10
Ω
m
1600
/
500
CP1M
CP1P
CP2M
CP2P
VS
2 x
M
GH1/2
SH1/2
GL1/2
SL1/2
PWMH
Ω
m
1600
/
800
DIR
1k
1k
L99PM62
FSO
Window
Watchdog
=> Fail Safe
100
10 Watt Bulb
5 Watt Bulb
SPI
adjustable
Slew
Rate
~ 100nF
~ 100nF
~ 100nF
>15
>15
>15
>15
Fail Safe
Circuitry
> 10k
GAPGCFT00674
Table 2. Pin definitions and functions
Pin
Symbol
Function
58
GND1
Ground: reference potential. GND1 and GND2 are internally
connected. GND2 supplies OUT4-6.
Important: For the capability of driving the full current at the outputs,
all pins of GND must be externally connected!
17, 18, 26, 31,
32
GND2
17, 57
SGND
Signal Ground: this pin is shared with GND2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com