データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ81EP データシート(PDF) 8 Page - STMicroelectronics

部品番号 L99DZ81EP
部品情報  Door actuator driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ81EP データシート(HTML) 8 Page - STMicroelectronics

Back Button L99DZ81EP_V01 Datasheet HTML 4Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 5Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 6Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 7Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 8Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 9Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 10Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 11Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Block diagram and pin description
L99DZ81EP
8/62
DocID023145 Rev 2
2, 46, 51, 52
VS1
Power supply voltage for power stage outputs (external reverse
protection required): for this input a ceramic capacitor as close as
possible to GND is recommended. VS1 supplies OUT7-10 and the
internal VS supply, VS2 supplies OUT4-6.
Important: For the capability of driving the full current at the outputs
all pins of VS must be externally connected!
11, 12, 23, 36,
37
VS2
19, 20, 21, 22
OUT4
Half-bridge outputs 4,5,6: the output is built by a high side and a low
side switch, which are internally connected. The output stage of both
switches is a power DMOS transistor. Each driver has an internal
parasitic reverse diode (bulk-drain-diode: high side driver from output
to VS, low side driver from GND to output). This output is over current
and open load protected.
27, 28, 29, 30
OUT5
24, 25
OUT6
40
DO
Serial data output: the diagnosis data is available via the SPI and this
3-state-output. The output remains in 3-state, if the chip is not
selected by the input CSN (CSN = high).
34
CM
Current monitor output: depending on the selected multiplexer bits of
the Control Register this output sources an image of the instant
current through the corresponding high side driver with a fixed ratio.
35
CSN
Chip-Select-Not input: this input is low active and requires CMOS
logic levels. The serial data transfer between the device and the
micro controller is enabled by pulling the input CSN to low level.
41
DI
Serial data input: the input requires CMOS logic levels and receives
serial data from the microcontroller. The data is a 24 bit control word
and the most significant bit (MSB, bit 23) is transferred first.
38
CLK
Serial clock input: this input controls the internal shift register of the
SPI and requires CMOS logic levels.
33
DIR
Direction Input: this input controls the H-Bridge Drivers.
39
VCC
Supply Voltage: 5 V supply. A ceramic capacitor as close as possible
to GND is recommended.
44
OUT9
High-side-driver output 9: the output is built by a high side switch and
is intended for resistive loads; hence the internal reverse diode from
GND to the output is missing. For ESD reason a diode to GND is
present but the energy which can be dissipated is limited. The high-
side driver is a power DMOS transistor with an internal parasitic
reverse diode from the output to VS (bulk-drain-diode). The output is
over current and open load protected.
42
PWMH
PWMH input: this input signal can be used to control the H-Bridge
Gate drivers.
3, 43, 45, 48,
49, 50, 53, 54,
55, 56, 59, 60
NC
Not connected.
62, 63
OUT7
High side driver output 8: see OUT9.
Important: This output can be configured to supply a bulb with low on-
resistance or a LED with higher on-resistance in a different
application.
61
OUT8
47
OUT10
High-side-driver-output 10: see OUT9.
Table 2. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com