データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ81EP データシート(PDF) 1 Page - STMicroelectronics

部品番号 L99DZ81EP
部品情報  Door actuator driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ81EP データシート(HTML) 1 Page - STMicroelectronics

  L99DZ81EP_V01 Datasheet HTML 1Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 2Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 3Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 4Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 5Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 6Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 7Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 8Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
This is information on a product in full production.
September 2013
DocID023145 Rev 2
1/62
L99DZ81EP
Door actuator driver
Datasheet
- production data
Features
 One full bridge for 6 A load (R
ON = 150 m)
 One half bridges for 3 A load (R
ON = 300 m)
 One configurable high-side driver for up to
1.5 A (RON = 500 m) or 0.35 A
(RON = 1600 m) load
 One configurable high-side driver for 0.7 A
(RON =800 m) or 0.35 A (RON = 1600 m)
load
 Two high-side drivers for 0.5 A load
(RON =1600m)
 Programmable softstart function to drive loads
with higher inrush currents as current limitation
value
 Very low V
S current consumption in standby
mode (IS < 6 µA typ; Tj  85°C)
 Current monitor output for all high-side drivers
 Central two-stage charge pump
 Motor bridge driver with full R
dson down to 6 V
 Device contains temperature warning and
protection
 Open-load detection for all outputs
 Overcurrent protection for all outputs
 Separated half bridges for door lock motor
 Programmable PWM control of all outputs
 STM standard serial peripheral interface
(ST-SPI 3.1)
 Prepared for additional fail-safe path for
H-bridge
Applications
 Door actuator driver with 3 bridges for double
door lock control, 4 high-side drivers for bulbs
and LEDs control.
 H-bridge control for external power transistors
Description
The L99DZ81EP is a microcontroller driven
multifunctional door actuator driver for automotive
applications. Up to two DC motors and four
grounded resistive loads can be driven with three
half bridges and four high-side drivers. Four
external MOS transistors in bridge configuration
can be driven. The integrated SPI controls all
operating modes (forward, reverse, brake and
high impedance). Also all diagnostic information
is available via SPI read.
TQFP-64
Table 1. Device summary
Package
Order codes
Tray
Tape and reel
TQFP-64
L99DZ81EP
L99DZ81EPTR
www.st.com


同様の部品番号 - L99DZ81EP_V01

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

同様の説明 - L99DZ81EP_V01

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9950 STMICROELECTRONICS-L9950_09 Datasheet
626Kb / 39P
Door actuator driver
09-Jun-2009
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
Door actuator driver
22-Sep-2013
L9953LXP STMICROELECTRONICS-L9953LXP Datasheet
363Kb / 35P
Door actuator driver
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com