データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ81EP データシート(PDF) 15 Page - STMicroelectronics

部品番号 L99DZ81EP
部品情報  Door actuator driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ81EP データシート(HTML) 15 Page - STMicroelectronics

Back Button L99DZ81EP_V01 Datasheet HTML 11Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 12Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 13Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 14Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 15Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 16Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 17Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 18Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
DocID023145 Rev 2
15/62
L99DZ81EP
Electrical specifications
61
2.5
Electrical characteristics
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V
 V
S  18 V, 4.75 V  VCC  5.5 V; all outputs open;
Tj = -40 °C to 150 °C, unless otherwise specified.
Table 8. Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Operating voltage range
5
28
V
IVS(act)
Current consumption in
active mode
VS =13.5V
(1)
1.
This parameter is guaranteed by design
510
mA
IVS(stby)
Current consumption in
standby mode
VS =16V; VCC =5.3 V;
standby mode;
OUT4 - OUT10 floating;
TTEST = -40 °C to 25 °C
412
µA
TTEST =85°C
(1)
625
µA
VCC
Operating voltage range
4.5
5.5
V
IVCC(active) VCC supply current
VS =16V; VCC =5.3 V;
CSN = VCC; active mode;
OUT4 - OUT10 floating
510
mA
IVCC(stby) VCC standby current
VS =16V; VCC =5.0 V;
CSN = VCC; active mode;
OUT4 - OUT10 floating;
TTEST = -40 °C to 25 °C
36
µA
TTEST =85°C
(1)
48
µA
VS =16V; VCC =5.3 V;
CSN = VCC; active mode;
OUT4 - OUT10 floating;
TTEST = -40 °C to 125 °C
25
µA
Table 9. Overvoltage and undervoltage detection
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSUV ON
VS UV threshold voltage(1) VS increasing
5.6
7.2
V
VSUV OFF
VS UV threshold voltage(1) VS decreasing
5
5.9
V
VSUV hyst
VS UV hysteresis(1)
VSUV ON-VSUV OFF
0.5
V
tvsuvfilt
VS UV filter time
48
µs
VSOV OFF
VS OV threshold voltage(1) VS increasing
18.5
24.5
V
VSOV ON
VS OV threshold voltage(1) VS decreasing
18.0
23.5
V
VSOV hyst
VS OV hysteresis(1)
VSOV OFF-VSOV ON
1V
tvsovfilt
VS OV filter time
48
µs
VVCCRESHU
Upper VCC reset
threshold(2)
VCC increasing
5.8
7.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com