データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ81EP データシート(PDF) 26 Page - STMicroelectronics

部品番号 L99DZ81EP
部品情報  Door actuator driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ81EP データシート(HTML) 26 Page - STMicroelectronics

Back Button L99DZ81EP_V01 Datasheet HTML 22Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 23Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 24Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 25Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 26Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 27Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 28Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 29Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
Electrical specifications
L99DZ81EP
26/62
DocID023145 Rev 2
For definition of the parameters please see Figure 9, Figure 10 and Figure 11.
Table 21. AC-Characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
COUT
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Output capacitance
(DO)
——
10
pF
CIN
(1)
Input capacitance (DI,
CSN, CLK, DIR, PWMH)
——
10
pF
Table 22. Dynamic characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
tCSNQVL
DO enable from 3-state to
low level
CDO = 100 pF; IDO =1 mA;
pull-up load to VCC; VS =13.5 V;
VCC =5V
100
250
ns
tCSNQVH
DO enable from 3-state to
high level
CDO = 100pF; IDO =-1mA;
pull-down load to GND;
VS = 13.5 V; VCC =5V
100
250
ns
tCSNQTL
DO disable from low level to
3-state
CDO = 100pF; IDO =4mA;
pull-up load to VCC; VS =13.5 V;
VCC =5V
380
450
ns
tCSNQTH
DO disable from high level to
3-state
CDO = 100 pF; IDO =-4 mA;
pull-down load to GND;
VS = 13.5 V; VCC =5V
380
450
ns
tCLKQV
CLK falling until DO valid
VDO <0.3 * VCC or
VDO >0.7 * VCC; CDO =100 pF;
VS = 13.5 V; VCC =5V
50
250
ns
tSCSN
CSN setup time, CSN low
before rising edge of CLK
VS = 13.5 V; VCC = 5 V
400
ns
tSDI
DI setup time, DI stable
before rising edge of CLK
VS = 13.5 V; VCC = 5 V
200
ns
TCLK
Clock Period
VS = 13.5 V; VCC =5V
1000
ns
tHCLK
minimum CLK high time
VS = 13.5 V; VCC =5V
115
ns
tLCLK
minimum CLK low time
VS = 13.5 V; VCC =5V
115
ns
tHCSN
minimum CSN high time
VS = 13.5 V; VCC =5V
4
µs
tSCLK
CLK setup time before CSN
rising
VS = 13.5 V; VCC = 5 V
400
ns
tr DO
DO rise time
CDO = 100 pF; VS =13.5V;
VCC =5V
80
140
ns
tf DO
DO fall time
CDO = 100 pF; VS =13.5V;
VCC =5V
50
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com