データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ81EP データシート(PDF) 11 Page - STMicroelectronics

部品番号 L99DZ81EP
部品情報  Door actuator driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ81EP データシート(HTML) 11 Page - STMicroelectronics

Back Button L99DZ81EP_V01 Datasheet HTML 7Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 8Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 9Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 10Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 11Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 12Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 13Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 14Page - STMicroelectronics L99DZ81EP_V01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
DocID023145 Rev 2
11/62
L99DZ81EP
Electrical specifications
61
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 3 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device
reliability.
Table 3. Absolute maximum ratings
Symbol
Parameter/test condition
Value
[DC Voltage]
Unit
VS1, VS2
DC supply voltage
-0.3 to +28
V
Single pulse / tmax < 400 ms “transient load dump”
-0.3 to +40
V
VCC
Stabilized supply voltage, logic supply
-0.3 to VS +0.3
V
VDI, VCLK, VCSN, VDO,
VCM, VDIR, VPWMH, VDIR
Logic input / output voltage range
-0.3 to VCC +0.3
V
VOUTn
Output voltage (n = 4 to 10)
-0.3 to VS +0.3
V
VSL1, VSH1, VSL2, VSH2
(VSxy)
High voltage signal pins
-6 to 40
V
VGL1, VGH1, VGL2, VGH2
(VGxy)
High voltage signal pins
VSxy - 1 to VSxy +10;
VCP +0.3
V
VCP1P
High voltage signal pins
VS - 0.3 to VS +10
V
VCP2P
High voltage signal pins
VS - 0.6 to VS +10
V
VCP1M, VCP2M
High voltage signal pins
-0.3 to VS +0.3
V
VCP
High voltage signal pin
VS1,2 26 V
VS - 0.3 to VS +14
V
VS1,2 > 26 V
VS - 0.3 to +40
V
IOUT9,10
Output current(1)
±1.25
A
IOUT6,7
Output current(1) (low on-resistance mode)
±5
A
IOUT7
Output current(1) (high on-resistance mode)
±5
A
IOUT8
Output current(1)
±2.5
A
IOUT4,5
Output current(1)
±10
A
IVS1cum
Maximum cumulated input current at VS1 pins
(1)
±12.5
A
IVS2cum
Maximum cumulated input current at VS2 pins
(1)
±12.5
A
IGND1cum
Maximum cumulated output current at GND1 pins
(1)
±5
A
IGND2cum
Maximum cumulated output current at GND2 pins
(1)
±12.5
A
1.
Values for the absolute maximum DC current through the bond wires. This value does not consider maximum power
dissipation or other limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com