データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2507 データシート(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2507
部品情報  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507 データシート(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2507 Datasheet HTML 12Page - National Semiconductor (TI) LM2507 Datasheet HTML 13Page - National Semiconductor (TI) LM2507 Datasheet HTML 14Page - National Semiconductor (TI) LM2507 Datasheet HTML 15Page - National Semiconductor (TI) LM2507 Datasheet HTML 16Page - National Semiconductor (TI) LM2507 Datasheet HTML 17Page - National Semiconductor (TI) LM2507 Datasheet HTML 18Page - National Semiconductor (TI) LM2507 Datasheet HTML 19Page - National Semiconductor (TI) LM2507 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application Information (Continued)
MPL SWAP FEATURE
The LM2507 provides a swap function of MPL MD lines
depending upon the state of the M/S* pin. This facilitates a
straight through MPL interface design eliminating the needs
for via and crossovers as shown on Figure 16. The parallel
bus pins are also swapped to facilitate a flow though orien-
tation of parallel bus signals.
20186099
FIGURE 16. MPL Interface Layout and Flow Through Pinout
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22