| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 239 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 239 Page - Nordic Semiconductor |
|
239 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_STOP Stop RTC COUNTER Trigger 1 Trigger task 6.14.10.3 TASKS_CLEAR Address offset: 0x008 Clear RTC COUNTER Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_CLEAR Clear RTC COUNTER Trigger 1 Trigger task 6.14.10.4 TASKS_TRIGOVRFLW Address offset: 0x00C Set COUNTER to 0xFFFFF0 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_TRIGOVRFLW Set COUNTER to 0xFFFFF0 Trigger 1 Trigger task 6.14.10.5 EVENTS_TICK Address offset: 0x100 Event on COUNTER increment Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_TICK Event on COUNTER increment NotGenerated 0 Event not generated Generated 1 Event generated 6.14.10.6 EVENTS_OVRFLW Address offset: 0x104 Event on COUNTER overflow 4463_156 v1.0 239 |