| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 240 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 240 Page - Nordic Semiconductor |
|
240 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_OVRFLW Event on COUNTER overflow NotGenerated 0 Event not generated Generated 1 Event generated 6.14.10.7 EVENTS_COMPARE[n] (n=0..3) Address offset: 0x140 + (n × 0x4) Compare event on CC[n] match Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_COMPARE Compare event on CC[n] match NotGenerated 0 Event not generated Generated 1 Event generated 6.14.10.8 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW TICK Write '1' to enable interrupt for event TICK Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW OVRFLW Write '1' to enable interrupt for event OVRFLW Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C-F RW COMPARE[i] (i=0..3) Write '1' to enable interrupt for event COMPARE[i] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.14.10.9 INTENCLR Address offset: 0x308 Disable interrupt 4463_156 v1.0 240 |