| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 243 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 243 Page - Nordic Semiconductor |
|
243 / 437 page ![]() Peripherals 6.14.10.15 CC[n] (n=0..3) Address offset: 0x540 + (n × 0x4) Compare register n Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW COMPARE Compare value 6.14.11 Electrical specification 6.15 SPI — Serial peripheral interface master The SPI master provides a simple CPU interface which includes a TXD register for sending data and an RXD register for receiving data. This section is added for legacy support for now. RXD READY MISO MOSI PSEL.MISO RXD-1 TXD TXD+1 PSEL.SCK PSEL.MOSI Figure 95: SPI master RXD-1 and TXD+1 illustrate the double buffered version of RXD and TXD respectively. 6.15.1 Functional description The TXD and RXD registers are double-buffered to enable some degree of uninterrupted data flow in and out of the SPI master. The SPI master does not implement support for chip select directly. Therefore, the CPU must use available GPIOs to select the correct slave and control this independently of the SPI master. The SPI master supports SPI modes 0 through 3. 4463_156 v1.0 243 |