| データシートサーチシステム |
|
H8/3021 データシート(PDF) 274 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 274 Page - Renesas Technology Corp |
|
274 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 250 of 684 REJ09B0352-0200 Figure 8.36 shows examples of waveforms with 0 % and 100% duty cycles (in one phase) in complementary PWM mode. In this example the outputs change at compare match with GRB3, so waveforms with duty cycles of 0 % or 100% can be output by setting GRB3 to a value larger than GRA3. The duty cycle can be changed easily during operation by use of the buffer registers. For further information see section 8.4.8, Buffering. TCNT3 and TCNT4 values Time GRA3 GRB3 TIOCA 3 TIOCB 3 0 % duty cycle a. 0 % duty cycle TCNT3 and TCNT4 values Time GRA3 GRB3 TIOCA 3 TIOCB 3 100 % duty cycle b. 100 % duty cycle H'0000 H'0000 Figure 8.36 Operation in Complementary PWM Mode (Example 2) (when OLS3 = OLS4 = 1) |