| データシートサーチシステム |
|
H8/3021 データシート(PDF) 275 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 275 Page - Renesas Technology Corp |
|
275 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 251 of 684 REJ09B0352-0200 In complementary PWM mode, TCNT3 and TCNT4 overshoot and undershoot at the transitions between up-counting and down-counting. The setting conditions for the IMFA bit in channel 3 and the OVF bit in channel 4 differ from the usual conditions. In buffered operation the buffer transfer conditions also differ. Timing diagrams are shown in figures 8.37 and 8.38. TCNT3 GRA3 IMFA Buffer transfer signal (BR to GR) GR N - 1 N N + 1 N N - 1 N Set to 1 Flag not set No buffer transfer Buffer transfer Figure 8.37 Overshoot Timing |