| データシートサーチシステム |
|
H8/3021 データシート(PDF) 294 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 294 Page - Renesas Technology Corp |
|
294 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 270 of 684 REJ09B0352-0200 8.5.3 Interrupt Sources Each ITU channel can generate a compare match/input capture A interrupt, a compare match/input capture B interrupt, and an overflow interrupt. In total there are 15 interrupt sources, all independently vectored. An interrupt is requested when the interrupt request flag and interrupt enable bit are both set to 1. The priority order of the channels can be modified in interrupt priority registers A and B (IPRA and IPRB). For details see section 5, Interrupt Controller. Table 8.10 lists the interrupt sources. Table 8.10 ITU Interrupt Sources Channel Interrupt Source Description Priority* 0 IMIA0 Compare match/input capture A0 High IMIB0 Compare match/input capture B0 OVI0 Overflow 0 1 IMIA1 Compare match/input capture A1 IMIB1 Compare match/input capture B1 OVI1 Overflow 1 2 IMIA2 Compare match/input capture A2 IMIB2 Compare match/input capture B2 OVI2 Overflow 2 3 IMIA3 Compare match/input capture A3 IMIB3 Compare match/input capture B3 OVI3 Overflow 3 4 IMIA4 Compare match/input capture A4 IMIB4 Compare match/input capture B4 OVI4 Overflow 4 Low Note: * The priority immediately after a reset is indicated. Inter-channel priorities can be changed by settings in IPRA and IPRB. |