| データシートサーチシステム |
|
H8/3021 データシート(PDF) 295 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 295 Page - Renesas Technology Corp |
|
295 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 271 of 684 REJ09B0352-0200 8.6 Usage Notes This section describes contention and other matters requiring special attention during ITU operations. Contention between TCNT Write and Clear: If a counter clear signal occurs in the T 3 state of a TCNT write cycle, clearing of the counter takes priority and the write is not performed. See figure 8.61. φ Address Internal write signal Counter clear signal TCNT TCNT write cycle TCNT address N H'0000 T1 T2 T3 Figure 8.61 Contention between TCNT Write and Clear |