| データシートサーチシステム |
|
H8/3021 データシート(PDF) 296 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 296 Page - Renesas Technology Corp |
|
296 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 272 of 684 REJ09B0352-0200 Contention between TCNT Word Write and Increment: If an increment pulse occurs in the T 3 state of a TCNT word write cycle, writing takes priority and TCNT is not incremented. See figure 8.62. φ Address Internal write signal TCNT input clock TCNT N TCNT address M TCNT write data TCNT word write cycle T1 T2 T3 Figure 8.62 Contention between TCNT Word Write and Increment |