| データシートサーチシステム |
|
H8/3021 データシート(PDF) 297 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 297 Page - Renesas Technology Corp |
|
297 / 712 page ![]() 8. 16-Bit Integrated Timer Unit (ITU) Rev.2.00 Mar. 22, 2007 Page 273 of 684 REJ09B0352-0200 Contention between TCNT Byte Write and Increment: If an increment pulse occurs in the T 2 or T 3 state of a TCNT byte write cycle, writing takes priority and TCNT is not incremented. The TCNT byte that was not written retains its previous value. See figure 8.63, which shows an increment pulse occurring in the T 2 state of a byte write to TCNTH. φ Address Internal write signal TCNT input clock TCNTH TCNTL TCNT byte write cycle T1 T2 T3 N TCNTH address M TCNT write data XX X + 1 Figure 8.63 Contention between TCNT Byte Write and Increment |