| データシートサーチシステム |
|
7733 データシート(PDF) 288 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 データシート(HTML) 288 Page - Renesas Technology Corp |
|
288 / 940 page ![]() A-D CONVERTER 7733 Group User’s Manual 9–23 9.7 Single sweep mode •A-D operation mode selection bits (bits 4 and 3) = “102” In this mode, A-D conversion is performed for the input voltage of multiple analog input pins, one at a time. A-D conversion is performed in order of AN0, AN1, AN2, .... An A-D conversion interrupt request occurs when A-D conversions are completed for all analog input pins selected. 9.7.1 Setting for single sweep mode Figure 9.7.1 shows an initial setting example for registers related to the single sweep mode. When using interrupts, settings for enabling interrupts are required. For details, refer to chapter “4. INTERRUPTS.” 9.7 Single sweep mode |