| データシートサーチシステム |
|
7733 データシート(PDF) 292 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 データシート(HTML) 292 Page - Renesas Technology Corp |
|
292 / 940 page ![]() A-D CONVERTER 7733 Group User’s Manual 9–27 9.8 Repeat sweep mode •A-D operation mode selection bits (bits 4 and 3 at address 1E16) = “112” In this mode, A-D conversion is repeatedly performed for the input voltage of multiple analog input pins. A-D conversion is performed in order of AN0, AN1, AN2, .... No A-D conversion interrupt request occurs in this mode. The A-D conversion start flag (bit 6 at address 1E16) remains set to “1” until it is cleared to “0” by software. While the A-D conversion start flag is “1,” the A-D converter repeats A-D conversion without a stop. 9.8.1 Setting for repeat sweep mode Figure 9.8.1 shows an initial setting example for registers related to the repeat sweep mode. 9.8 Repeat sweep mode |