| データシートサーチシステム |
|
7733 データシート(PDF) 301 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 データシート(HTML) 301 Page - Renesas Technology Corp |
|
301 / 940 page ![]() WATCHDOG TIMER 7733 Group User’s Manual 10-4 10.1.2 Watchdog timer frequency selection flag This is used to select a watchdog timer’s count source. Figure 10.1.3 shows the structure of the watchdog timer frequency selection flag. 10.1 Block description Fig. 10.1.3 Structure of watchdog timer frequency selection flag 0 : Clock f512 1 :Clock f32 At reset Un- defined 0 RW Functions b7 b6 b5 b4 b3 b2 b1 b0 Watchdog timer frequency selection flag (address 6116) Bit 7 to 1 Not implemented. 0 Watchdog timer frequency selection flag Bit name Clocks f32, f512 : Refer to chapter “14. CLOCK GENERATING CIRCUIT.” RW — |