データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC32MX795F512LT-80I/PF データシート(PDF) 7 Page - Microchip Technology

部品番号 PIC32MX795F512LT-80I/PF
部品情報  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF データシート(HTML) 7 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 3Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 4Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 5Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 6Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 7Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 8Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 9Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 10Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 7
PIC32MX5XX/6XX/7XX
Pin Diagrams
64-Pin QFN(1)
= Pins are up to 5V tolerant
Note 1:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be
connected to VSS externally.
PIC32MX575F256H
PMD5/RE5
PMD6/RE6
PMD7/RE7
SCK2/U6TX/U3RTS/PMA5/CN8/RG6
VDD
AN5/C1IN+/VBUSON/CN7/RB5
AN4/C1IN-/CN6/RB4
AN3/C2IN+/CN5/RB3
AN2/C2IN-/CN4/RB2
SDA4/SDI2/U3RX/PMA4/CN9/RG7
SCL4/SDO2/U3TX/PMA3/CN10/RG8
PGEC1/AN1/VREF-/CVREF-/CN3/RB1
PGED1/AN0/VREF+/CVREF+/PMA6/CN2/RB0
SS2/U6RX/U3CTS/PMA2/CN11/RG9
MCLR
VSS
64 63 62 61 60 59 58 57 56 55
22 23 24 25 26 27 28 29 30 31
3
40
39
38
37
36
35
34
33
4
5
7
8
9
10
11
1
2
42
41
6
32
43
54
14
15
16
12
13
17 18 19 20 21
45
44
47
46
48
53 52 51 50 49
SOSCI/CN1/RC13
OC1/INT0/RD0
SCL1/IC3/PMCS2/PMA15/INT3/RD10
SS3/U4RX/U1CTS/SDA1/IC2/INT2/RD9
RTCC/IC1/INT1/RD8
IC4/PMCS1/PMA14/INT4/RD11
OSC2/CLKO/RC15
OSC1/CLKI/RC12
VDD
D+/RG2
VUSB
VBUS
USBID/RF3
D-/RG3
SOSCO/T1CK/CN0/RC14
Vss
PIC32MX575F512H
PIC32MX534F064H
PIC32MX564F064H
PIC32MX564F128H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More