データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC32MX795F512LT-80I/PF データシート(PDF) 94 Page - Microchip Technology

部品番号 PIC32MX795F512LT-80I/PF
部品情報  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF データシート(HTML) 94 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 90Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 91Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 92Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 93Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 94Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 95Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 96Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 97Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 256 page
background image
TABLE 4-20:
COMPARATOR REGISTER MAP(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
A000 CM1CON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
COE
CPOL
—
—
—
—COUT
EVPOL<1:0>
—
CREF
—
—
CCH<1:0>
00C3
A010 CM2CON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
COE
CPOL
—
—
—
—COUT
EVPOL<1:0>
—
CREF
—
—
CCH<1:0>
00C3
A060 CMSTAT
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
FRZ
SIDL
—
—
—
—
—
—
—
—
—
—
—
C2OUT
C1OUT
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for
more information.
TABLE 4-21:
COMPARATOR VOLTAGE REFERENCE REGISTER MAP(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
9800 CVRCON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
—
—
—
—VREFSEL(2)
BGSEL<1:0>(2)
—
CVROE
CVRR
CVRSS
CVR<3:0>
0100
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for
more information.
2:
These bits are not available on PIC32MX575/675/695/775 devices. On these devices, reset value for CVRCON is 0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More