| データシートサーチシステム |
|
WM9090ECS/R データシート(PDF) 74 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9090ECS/R データシート(HTML) 74 Page - Wolfson Microelectronics plc |
|
74 / 81 page ![]() WM9090 Production Data w PD, November 2010, Rev 4.1 74 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS Figure 16 below provides a summary of recommended external components for WM9090. Note that the diagram does not include any components that are specific to the end application e.g. they do not include filtering on the speaker outputs (assume filterless class D operation), RF decoupling, or RF filtering for pins which connect to the external world i.e. headphone or speaker outputs. Figure 16 Recommended External Components |