データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV8461 データシート(PDF) 5 Page - ON Semiconductor

部品番号 NCV8461
部品情報  Self Protected High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8461 データシート(HTML) 5 Page - ON Semiconductor

  NCV8461_17 Datasheet HTML 1Page - ON Semiconductor NCV8461_17 Datasheet HTML 2Page - ON Semiconductor NCV8461_17 Datasheet HTML 3Page - ON Semiconductor NCV8461_17 Datasheet HTML 4Page - ON Semiconductor NCV8461_17 Datasheet HTML 5Page - ON Semiconductor NCV8461_17 Datasheet HTML 6Page - ON Semiconductor NCV8461_17 Datasheet HTML 7Page - ON Semiconductor NCV8461_17 Datasheet HTML 8Page - ON Semiconductor NCV8461_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCV8461
www.onsemi.com
5
Table 3. ELECTRICAL CHARACTERISTICS (VD = 13.5 V; −40°C < TJ < 150°C unless otherwise specified)
Rating
Unit
Value
Conditions
Symbol
Rating
Unit
Max
Typ
Min
Conditions
Symbol
PROTECTION FUNCTIONS (Note 4)
Output Current Limit Initial
Peak
Ilim
TJ = −40°C, VD = 20 V (Note 3)
TJ = 25°C
TJ = 150°C (Note 3)
0.7
1.2
2
A
Repetitive Short Circuit Current
Limit
Ilim(SC)
TJ = TJt (Note 3)
1
A
Switch Off Output Clamp Volt-
age
Vclamp
ID = 4 mA, Vin = 0 V
VD
41
VD
47
V
DIAGNOSTICS CHARACTERISTICS
Short Circuit Detection Voltage
VOUT(SC)
2.8
V
Openload Off State Detection
Threshold
VOL
Vin = 0 V
1.5
3.5
V
Openload Detection Current
IL(OL)
5
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Not subjected to production testing
4. To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be used
together with a proper hardware/software strategy. If the devices operates under abnormal conditions this hardware/software solutions
must limit the duration and number of activation cycles. AEC Q100−12 results available upon request.
Table 4. STATUS PIN TRUTH TABLE
Conditions
Input
Output
Status
Normal Operation
L
H
L
H
H
H
Short Circuit to GND
L
H
L
L*
H
L
Short to VD (OFF State)
L
H
H
H
L
H
Current Limitation
L
H
L
H**
H
H
Overtemperature
L
H
L
L
H
L
OFF State Open Load
L
H
H
H
L
H
* Output = “L”; VOUT < 2 V typ.
** Output = “H”; VOUT > 2 V typ.



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com