データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV8461 データシート(PDF) 4 Page - ON Semiconductor

部品番号 NCV8461
部品情報  Self Protected High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8461 データシート(HTML) 4 Page - ON Semiconductor

  NCV8461_17 Datasheet HTML 1Page - ON Semiconductor NCV8461_17 Datasheet HTML 2Page - ON Semiconductor NCV8461_17 Datasheet HTML 3Page - ON Semiconductor NCV8461_17 Datasheet HTML 4Page - ON Semiconductor NCV8461_17 Datasheet HTML 5Page - ON Semiconductor NCV8461_17 Datasheet HTML 6Page - ON Semiconductor NCV8461_17 Datasheet HTML 7Page - ON Semiconductor NCV8461_17 Datasheet HTML 8Page - ON Semiconductor NCV8461_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCV8461
www.onsemi.com
4
Table 3. ELECTRICAL CHARACTERISTICS (VD = 13.5 V; −40°C < TJ < 150°C unless otherwise specified)
Rating
Symbol
Conditions
Value
Unit
Min
Typ
Max
Operating Supply Voltage
VD
5
34
V
Undervoltage Shutdown
VUV
5
V
Undervoltage Restart
VUV_Res
5.5
V
Overvoltage Protection
VOV
ID = 4 mA
41
V
On Resistance
RON
Iout = 0.3 A; 6 V < VD < 40 V, TJ = 25°C
Iout = 0.3 A; 6 V < VD < 40 V, TJ = 150°C
250
450
350
700
m
W
Standby Current
ID
Off State, Vin = Vout = 0 V
On State; Vin = 5 V, Iout = 0 A
13
1
35
1.7
mA
mA
Output Leakage Current
IL(off)
12
mA
INPUT CHARACTERISTICS
Input Voltage − Low
Vin_low
0.8
V
Input Voltage − High
Vin_high
2.2
V
Input Hysteresis Voltage
Vhyst
0.3
V
Off State Input Current
Iin_OFF
Vin = 0.7 V
1
10
mA
On State Input Current
Iin_ON
Vin = 5.0 V
1
10
mA
Input Resistance (Note 3)
RI
1.5
3.5
K
W
Input Clamp Voltage
Vin_cl
Iin = 1 mA
Iin = −1 mA
14
−18
16
−16
18
−14
V
SWITCHING CHARACTERISTICS
Turn−On Delay Time
td_on
to 90% Vout, RL = 47 W
140
ms
Turn−Off Delay Time
td_off
to 10% Vout, RL = 47 W
170
ms
Slew Rate On
dVout/dton
10% to 30% Vout, RL = 47 W
2
V /
ms
Slew Rate Off
dVout/dtoff
70% to 40% Vout, RL = 47 W
2
V /
ms
REVERSE BATTERY (Note 3)
Reverse Battery
−VD
Requires a 150
W
Resistor in GND Connection
32
V
Forward Voltage
VF
TJ = 150°C, IS = 200 mA
0.6
V
STATUS PIN CHARACTERISTICS
Status Output Voltage Low
Vstat_low
Istat = 1.6 mA, TJ = −40°C to 25°C
Istat = 1.6 mA, TJ = 150°C (Note 3)
0.4
0.6
V
Status Leakage Current
Istat_leakage
Vstat = 5 V
10
mA
Status Invalid Time After Posit-
ive Input Slope
Td(STAT)
300
700
ms
Status Clamp Voltage
Vstat_cl
Istat = 1 mA
Istat = −1 mA
10
−1.4
V
PROTECTION FUNCTIONS (Note 4)
Temperature Shutdown (Note 3)
TSD
150
175
200
°C
Temperature Shutdown Hyster-
esis (Note 3)
TSD_hyst
10
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Not subjected to production testing
4. To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be used
together with a proper hardware/software strategy. If the devices operates under abnormal conditions this hardware/software solutions
must limit the duration and number of activation cycles. AEC Q100−12 results available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com