データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV8461 データシート(PDF) 6 Page - ON Semiconductor

部品番号 NCV8461
部品情報  Self Protected High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8461 データシート(HTML) 6 Page - ON Semiconductor

Back Button NCV8461_17 Datasheet HTML 2Page - ON Semiconductor NCV8461_17 Datasheet HTML 3Page - ON Semiconductor NCV8461_17 Datasheet HTML 4Page - ON Semiconductor NCV8461_17 Datasheet HTML 5Page - ON Semiconductor NCV8461_17 Datasheet HTML 6Page - ON Semiconductor NCV8461_17 Datasheet HTML 7Page - ON Semiconductor NCV8461_17 Datasheet HTML 8Page - ON Semiconductor NCV8461_17 Datasheet HTML 9Page - ON Semiconductor NCV8461_17 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCV8461
www.onsemi.com
6
REVERSE BATTERY PROTECTION
The NCV8461 provides reverse battery protection up to
32 V. This protection requires a Resistor in the GND path.
The recommended GND resistor is 150
W, but a variety of
resistor values can be chosen for this purpose. The graph
below shows the considerations and constraints for selection
of the GND resistor. Figure 2 shows the power dissipation
in the GND resistor during a 32 V reverse battery event on
the left axis, while the right axis shows the voltage drop
across the GND resistor while in normal operation. The far
right side of the graph is grayed out to indicate that the
voltage drop across the resistor is too high, and the part will
not be able to turn on with a standard 5 V on the input pin.
Selection of the optimal GND resistor requires balancing the
power dissipation considerations while in a reverse battery
event, with the turn on capability of the input signal during
normal operation.
Figure 2. Reverse Battery Considerations
Figure 3. Reverse Battery Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com