データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV8461 データシート(PDF) 9 Page - ON Semiconductor

部品番号 NCV8461
部品情報  Self Protected High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8461 データシート(HTML) 9 Page - ON Semiconductor

Back Button NCV8461_17 Datasheet HTML 2Page - ON Semiconductor NCV8461_17 Datasheet HTML 3Page - ON Semiconductor NCV8461_17 Datasheet HTML 4Page - ON Semiconductor NCV8461_17 Datasheet HTML 5Page - ON Semiconductor NCV8461_17 Datasheet HTML 6Page - ON Semiconductor NCV8461_17 Datasheet HTML 7Page - ON Semiconductor NCV8461_17 Datasheet HTML 8Page - ON Semiconductor NCV8461_17 Datasheet HTML 9Page - ON Semiconductor NCV8461_17 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCV8461
www.onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 16. Junction to Ambient Transient Thermal Impedance (600 mm2 Copper Area)
0.001
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
PULSE TIME (sec)
Single Pulse
1%
20%
2%
5%
50% Duty Cycle
10%
PsiLA(t)
ISO 7637-2:2011 (E) PULSE TEST RESULTS
ISO 7637−2:2011(E)
Test Pulse
Test Severity Levels, 13.5 V System
Delays and
Impedance
# of Pulses or Test
Time
Pulse / Burst Rep.
Time
III
IV
1
−112
−150
2 ms, 10
W
500 pulses
0.5 s
2a
+55
+112
0.05 ms, 2
W
500 pulses
0.5 s
3a
−165
−220
0.1
ms, 50 W
1 h
100 ms
3b
+112
+150
0.1
ms, 50 W
1 h
100 ms
ISO 7637−2:2011(E)
Test Pulse
Test Results
III
IV
1
C
C
2a
C
E
3a
C
C
3b
C
C
Class
Functional Status
C
One or more functions of a device do not perform as designed during exposure but return automatically to
normal operation after exposure is removed.
E
One or more functions of a device do not perform as designed during and after exposure and cannot be
returned to proper operation without replacing the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com