データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV8461 データシート(PDF) 1 Page - ON Semiconductor

部品番号 NCV8461
部品情報  Self Protected High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8461 データシート(HTML) 1 Page - ON Semiconductor

  NCV8461_17 Datasheet HTML 1Page - ON Semiconductor NCV8461_17 Datasheet HTML 2Page - ON Semiconductor NCV8461_17 Datasheet HTML 3Page - ON Semiconductor NCV8461_17 Datasheet HTML 4Page - ON Semiconductor NCV8461_17 Datasheet HTML 5Page - ON Semiconductor NCV8461_17 Datasheet HTML 6Page - ON Semiconductor NCV8461_17 Datasheet HTML 7Page - ON Semiconductor NCV8461_17 Datasheet HTML 8Page - ON Semiconductor NCV8461_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2017
January, 2017 − Rev. 4
1
Publication Order Number:
NCV8461/D
NCV8461
Self Protected High Side
Driver with Temperature
Shutdown and Current Limit
The NCV8461 is a fully protected High−Side driver that can be used
to switch a wide variety of loads, such as bulbs, solenoids and other
activators. The device is internally protected from an overload
condition by an active current limit and thermal shutdown. A
diagnostic output reports OFF state open load conditions as well as
thermal shutdown.
Features
Short Circuit Protection
Thermal Shutdown with Automatic Restart
CMOS (3 V / 5 V) Compatible Control Input
Off State Open Load Detection
Open Drain Diagnostic Output
Overvoltage Protection
Undervoltage Shutdown
Loss of Ground and Loss of VD Protection
ESD Protection
Reverse Battery Protection (with external resistor)
Very Low Standby Current
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
This is a Pb−Free Device
Typical Applications
Switch a Variety of Resistive, Inductive and Capacitive Loads
Can Replace Electromechanical Relays and Discrete Circuits
Automotive / Industrial
FEATURE SUMMARY
Overvoltage Protection
VOV
41
V
RDSon (max) TJ = 25°C
RON
350
m
W
Output Current Limit (typ)
Ilim
1.2
A
Operating Voltage Range
VOP
5 − 34
V
MARKING DIAGRAM
www.onsemi.com
SOIC−8
CASE 751
STYLE 11
1
8
Device
Package
Shipping
ORDERING INFORMATION
NCV8461DR2G
SOIC−8
(Pb−Free)
2500 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCV8461
AYWW
G
G
1
8
NCV8461 = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
PIN CONNECTIONS
(Top View)
VD
VD
VD
VD
GND
IN
OUT
STAT
1


同様の部品番号 - NCV8461_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV8461-D ONSEMI-NCV8461-D Datasheet
117Kb / 7P
Self Protected High Side Driver with Temperature Shutdown and Current Limit
December, 2012 ??Rev. 0
NCV8461DR2G ONSEMI-NCV8461DR2G Datasheet
106Kb / 10P
Self Protected High Side Driver
December, 2013 ??Rev. 2
More results

同様の説明 - NCV8461_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
Self Protected High Side Driver
December, 2015 ??Rev. 2
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8445 ONSEMI-NCV8445_17 Datasheet
118Kb / 16P
Self Protected High Side Driver
February, 2017 ??Rev. 3
NCV8452 ONSEMI-NCV8452 Datasheet
117Kb / 13P
Self Protected High Side Driver
August, 2016 ??Rev. 4
NCV8460A ONSEMI-NCV8460A_16 Datasheet
119Kb / 16P
Self Protected High Side Driver
March, 2016 ??Rev. 6
NCV8450 ONSEMI-NCV8450_15 Datasheet
88Kb / 9P
Self-Protected High Side Driver
October, 2015 ??Rev. 5
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
Self-Protected Low Side Driver
November, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com