| データシートサーチシステム |
|
SH7041A データシート(PDF) 366 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 366 Page - Renesas Technology Corp |
|
366 / 923 page ![]() 328 Output selection Select waveform output mode Select output timing Start counting 1 2 3 Figure 12.10 Procedure for Selecting Compare Match Waveform Output Operation Waveform Output Operation (0 Output/1 Output): Figure 12.11 shows 0 output/1 output. In the example, TCNT is a free-running counter, 1 is output upon compare-match A and 0 is output upon compare-match B. When the pin level matches the set level, the pin level does not change. H'FFFF H'0000 TIOCA TCNT value Time TGRA TGRB TIOCB Does not change Does not change 1 output Does not change Does not change 0 output Figure 12.11 Example of 0 Output/1 Output Waveform Output Operation (Toggle Output): Figure 12.12 shows the toggle output. In the example, the TCNT operates as a periodic counter cleared by compare-match B, with toggle output at both compare-match A and compare-match B. |