| データシートサーチシステム |
|
SH7041A データシート(PDF) 369 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 369 Page - Renesas Technology Corp |
|
369 / 923 page ![]() 331 Procedure for Selecting the Synchronizing Mode (Figure 12.15): 1.Set 1 in the SYNC bit of the timer synchro register (TSYR) to use the corresponding channel in the synchronizing mode. 2.When a value is written in the TCNT in any of the synchronized channels, the same value is simultaneously written in the TCNT in the other channels. 3.Set the counter to clear with output compare/input capture using bits CCLR2–CCLR0 in the TCR. 4.Set the counter clear source to synchronized clear using the CCLR2–CCLR0 bits of the TCR. 5.Set the CST bits for the corresponding channels in the TSTR to 1 to start counting in the TCNT. Select counter clear source Channel that generated clear source? No Yes Select synchronizing mode Set synchronizing mode Synchronized preset Set TCNT Start counting Set counter synchronous clear Start counting Counter clear Synchronized clear Synchronized preset Synchronized clear 1 2 3 5 4 5 Figure 12.15 Procedure for Selecting Synchronizing Operation |